PART |
Description |
Maker |
BB-B5171-C |
GaP /GaP Bright Red TTL & C-MOS circuit no external circuit needed
|
BRIGHT LED ELECTRONICS CORP
|
BB-B5174 |
GaP /GaP Bright Red TTL & C-MOS circuit no external circuit needed
|
BRIGHT LED ELECTRONICS CORP
|
IL44608N IL44608N100 IL44608N40 IL44608N75 |
External Components Reliable and Flexible SMPS Controller
|
IK Semicon Co., Ltd
|
ML63SC50MRG ML63SC45MRG ML63SA36MRG |
DC-DC Converter Small number of external components: inductor, diode and capacitor
|
Minilogic Device Corporation Limited
|
T5744-97 |
Minimal External Circuitry Requirements, no RF Components on the PC Board Except Matching to the Receiver Antenna
|
ATMEL Corporation
|
C517A SAF-C517A-LN SABC517ALN SAF-C517A |
ECONOLINE: RY & RX - Controllable Output- 1kVDC Isolation- No Heatsink Required- UL94V-0 Package Material- Toroidal Magnetics- No External Components 8-bit CMOS MICROCONTROLLER 8位CMOS单片
|
Infineon Technologies A... Infineon Technologies AG
|
MC74LVQ573SD MC74LVQ573 MC74LVQ573DT MC74LVQ573DW |
COVER KIT, NLP40; Length / Height, external:127mm; Width, external:72.87mm; Depth, external:37.29mm RoHS Compliant: Yes LVQ SERIES, 8-BIT DRIVER, TRUE OUTPUT, PDSO20 LOW-VOLTAGE CMOS OCTAL TRANSPARENT LATCH
|
Motorola Mobility Holdings, Inc. MOTOROLA[Motorola, Inc]
|
E.FL-R-SMT E.FL-LP-040 E.FL-LP-066 E.FL-LR-SMT E.F |
DISPLAY BUTTONSDISPLAY BUTTONS; Depth, external:21mm; Length / Height, external:86.5mm; Width, external:86.5mm 大肠杆菌佛罗里达州同轴连接器与世界上最小的足迹 IP65 DISPLAY REPEATER FOR EASY 800 ; 大肠杆菌佛罗里达州同轴连接器与世界上最小的足迹 CPU WITHOUT NETWORKCPU WITHOUT NETWORK; Depth, external:29.5mm; Length / Height, external:90mm; Width, external:107.5mm CPU WITH NETWORKCPU WITH NETWORK; Depth, external:29.5mm; Length / Height, external:90mm; Width, external:107.5mm CABLE ; Connector type A:MFD-Titan; Connector type B:MFD-Titan; Length, lead:5m E.FL Coaxial Connectors with World Smallest Footprint
|
HIROSE ELECTRIC Co., Ltd. Hirose Electric USA, INC. HIROSE[Hirose Electric]
|
BGY887BO BGY887BO_FC1 BGY887BO/FC1 |
Optical receiver module 90 Series LCD Case; Enclosure Material:Plastic; External Height:1.25"; External Width:3.6"; External Depth:5.7"; Enclosure Color:Black; Battery Sizes Accepted:9V RoHS Compliant: Yes 光接收模
|
PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|
BPS1.2-12 |
Maintenance Free(topping up not needed)
|
B. B. Battery Co., Ltd.
|
BPS4.5-6 |
Maintenance Free(topping up not needed)
|
B. B. Battery Co., Ltd.
|
MB3828PFV-G-BND |
BOX, POLYCARBONATE IP67 CLEAR LIDBOX, POLYCARBONATE IP67 CLEAR LID; Length / Height, external:65mm; Width, external:230mm; Depth, external:80mm; Material:Polycarbonate; Colour:Grey; Approval Bodies:GL, CSA, Fimko, Gost R, EN 50298 Pentium DC/DC Converter IC
|
Fujitsu Limited Fujitsu Component Limited.
|